PART |
Description |
Maker |
1SMB8.5A 1SMB6.0A 1SMB6.5A 1SMB8.0A 1SMB15A 1SMB7. |
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS/ 5.0 THRU 170 VOLTS Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,单向玻璃钝化节点瞬变电压抑制 PT 1.5/12-3.5-V Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.5V,单向玻璃钝化节点瞬变电压抑制 PT 1.5/ 9-3.5-V 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电0V,单向玻璃钝化节点瞬变电压抑制 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Central Semiconductor C... Central Semiconductor Corp. Central Semiconductor, Corp. http://
|
P6KE250-AP P6KE10A-AP P6KE10A-TP P6KE200A-AP P6KE2 |
600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS TVS 600W 7.5V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 68V BIDIRECT DO-15 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 24V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 10V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 10V BIDIRECT DO-15 TVS 600W 150V BIDIRECT DO-15 TVS 600W 20V BIDIRECT DO-15 TVS 600W 51V BIDIRECT DO-15
|
Micro Commercial Compon... http:// Micro Commercial Components, Corp.
|
M39832-B15WNE1T M39832-B15WNE6T M39832-B12WNE1T M3 |
TVS UNI-DIR 51V 600W DO-15 TVS UNI-DIR 30V 600W DO-15 RECTIFIER, BRIDGE, 600V, 6A, PB-6 TVS BI-DIR 30V 600W DO-15 单芯兆x812KB的x16闪存56千位并行EEPROM存储
|
意法半导 STMicroelectronics N.V.
|
ESD9R3.3ST5G |
Unidirectional low leakage, low capacitance TVS diode UNIDIRECTIONAL, SILICON, TVS DIODE Transient Voltage Suppressors
|
ON Semiconductor
|
PIP208 PIP8.4H2 PHP8.4H2 PIP208H1 PHP8.4H1 PIP8.4H |
15000 W, UNIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, PIP, 2 PIN 7500 W, UNIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, PIP, 2 PIN 7500 W, UNIDIRECTIONAL, SILICON, TVS DIODE HERMETIC SEALED, GLASS, PHP, 2 PIN
|
ProTek Devices Microsemi, Corp.
|
ST13081 STI431 ST16012 ST15012 ST15011 STI709 STI7 |
MediaClock MPEG Clock Generator with VCXO DIODE TVS 150V 600W BIDIR 5% SMB 18-Mbit QDR-II SRAM 4-Word Burst Architecture TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 10A I(C) | TO-3 DIODE TVS 7.5V 600W UNI 5% SMB DIODE TVS 7.5V 600W BIDIR 5% SMB 3.3V 32K/64K x 16/18 Dual-Port Static RAM CAPSENSE EXPRESS EVALUATION KIT DIODE TVS 13V 600W UNIDIR 5% SMB Peppermint Board (CY22393 Candy Board) DIODE TVS 150V 600W UNI 5% SMB DIODE TVS 82V 600W BIDIR 5% SMB Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option 晶体管|晶体管|叩| 450V五(巴西)总裁|5A一(c)|04AA Failsafe™ 2.5V/ 3.3V Zero Delay Buffer
|
Cypress Semiconductor Corp.
|
M1.5KE8.2A M1.5KE82A M1.5KE250A M1.5KE24A M1.5KE20 |
Unidirectional and Bidirectional Transient Voltage Suppressor 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Microsemi Corporation MICROSEMI CORP-IRELAND
|
5KP28 5KP20A 5KP26A 5KP28A 5KP7.0A 5KP9.0A 5KP10 5 |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
BZW06-171 BZW06-5V807 BZW06-58 BZW06-85 BZW06-8V5 |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC
|
Diotec Semiconductor AG
|
|